Part Number Hot Search : 
TND942 UPD78365 SP487EEP 0FAIR2 MJE13007 256486 MW6TG XC2361B
Product Description
Full Text Search
 

To Download STB16NS25T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 february 2003 stb16ns25 n-channel 250v - 0.23 w -16ad 2 pak mesh overlay? mosfet n typical r ds (on) = 0.23 w n extremely high dv/dt capability n 100% avalanche tested description using the latest high voltage mesh overlay? process, stmicroelectronics has designed an ad- vanced family of power mosfets with outstanding performance. the new patented strip layout cou- pled with the companys proprietary edge termina- tion structure, makes it suitable in coverters for lighting applications. applications n high current, high speed switching n swith mode power supplies (smps) n dc-dc converters for telecom, industrial, and lighting equipment absolute maximum ratings (?)pulse width limited by safe operating area type v dss r ds(on) i d stb16ns25 250 v < 0.28 w 16 a symbol parameter value unit v ds drain-source voltage (v gs =0) 250 v v dgr drain-gate voltage (r gs =20k w ) 250 v v gs gate- source voltage 20 v i d drain current (continuos) at t c = 25c 16 a i d drain current (continuos) at t c = 100c 11 a i dm (  ) drain current (pulsed) 64 a p tot total dissipation at t c = 25c 140 w derating factor 1 w/c dv/dt (1) peak diode recovery voltage slope 5 v/ns t stg storage temperature C65 to 175 c t j max. operating junction temperature 175 c (1) i sd 16a, di/dt 300 a/ m s, v dd v (br)dss ,tj t jmax internal schematic diagram d 2 pak 1 3 obsolete product(s) - obsolete product(s)
stb16ns25 2/9 thermal data avalanche characteristics electrical characteristics (tcase = 25 c unless otherwise specified) off on (1) dynamic rthj-case thermal resistance junction-case max 0.9 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 16 a e as single pulse avalanche energy (starting t j = 25 c, i d =i ar ,v dd =28v) 200 mj symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 250 v i dss zero gate voltage drain current (v gs =0) v ds = max rating 1a v ds = max rating, t c = 125 c 50 a i gss gate-body leakage current (v ds =0) v gs = 20 v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs ,i d = 250a 234v r ds(on) static drain-source on resistance v gs =10v,i d =8a 0.23 0.28 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds >i d(on) xr ds(on)max, i d =8a 14 15 s c iss input capacitance v ds =25v,f=1mhz,v gs =0 1270 pf c oss output capacitance 190 pf c rss reverse transfer capacitance 75 pf obsolete product(s) - obsolete product(s)
3/9 stb16ns25 electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd =125v,i d =8a r g = 4.7 w v gs =10v (see test circuit, figure 3) 15 ns t r rise time 25 ns q g total gate charge v dd =200v,i d =16a, v gs =10v 60 80 nc q gs gate-source charge 8 nc q gd gate-drain charge 22 nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off- delay time fall time v dd = 125v, i d =8a, r g =4.7 w, v gs = 10v (see test circuit, figure 3) 75 35 ns ns t r(voff) t f t c off-voltage rise time fall time cross-over time v clamp = 200v, i d =16a, r g =4.7 w, v gs = 10v (see test circuit, figure 5) 25 30 55 ns ns ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 16 a i sdm (2) source-drain current (pulsed) 64 a v sd (1) forward on voltage i sd =16a,v gs =0 1.5 v t rr reverse recovery time i sd = 16 a, di/dt = 100a/s v dd =33v,t j = 150c (see test circuit, figure 5) 270 ns q rr reverse recovery charge 1.5 m c i rrm reverse recovery current 11.5 a thermal impedance safe operating area obsolete product(s) - obsolete product(s)
stb16ns25 4/9 transconductance gate charge vs gate-source voltage capacitance variations static drain-source on resistance transfer characteristics output characteristics obsolete product(s) - obsolete product(s)
5/9 stb16ns25 normalized bvdss vs temperature source-drain diode forward characteristics normalized on resistance vs temperature normalized gate thereshold voltage vs temp. obsolete product(s) - obsolete product(s)
stb16ns25 6/9 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load obsolete product(s) - obsolete product(s)
7/9 stb16ns25 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r 0.4 0.015 v2 0o 4o d 2 pak mechanical data 3 obsolete product(s) - obsolete product(s)
stb16ns25 8/9 tape and reel shipment (suffix t4)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data obsolete product(s) - obsolete product(s)
9/9 stb16ns25 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2003 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com obsolete product(s) - obsolete product(s)


▲Up To Search▲   

 
Price & Availability of STB16NS25T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X